Part Number Hot Search : 
MAX4194 STB1545C R6021025 PM5350 EXB18V 28F016SC PS120 SG2821
Product Description
Full Text Search
 

To Download IRF730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
IRF730
R
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET VDSS = 400 Volts RDS(ON) = 1.0 Ohm ID = 5.0 Amperes
Features
* Repetitive Avalanche Rated * Fast Switching * Ease of Paralleling * Simple Drive Requirements
TO-220AB
.185(4.70) .173(4.40) .055(1.39) .045(1.15) .295(7.49) .220(5.58) .625(15.87) .570(14.48)
Description
Designed to withstand high energy in the avalanche mode and switch efficiently. Also offer a drain-to-source diode with fast recovery time. Designed for high voltage, high speed applications such as power supplies, PWM motor controls and other inductive loads, the avalanche energy capability is specified to eliminate the guesswork in designs where inductive loads are switched and offer additional safety margin against unexpected voltage transients.
.151 Typ (3.83) .405(10.28) .380(9.66)
Pinning
1 = Gate 2 = Drain 3 = Source
1 2 3
.350(8.90) .330(8.38)
.640 Typ (16.25)
Symbol
D
.055(1.40) .045(1.14) .037(0.95) .030(0.75)
.562(14.27) .500(12.70)
.100 Typ (2.54)
.024(0.60) .014(0.35)
G
Dimensions in inches and (millimeters)
S
N-Channel MOSFET
Absolute Maximum Ratings
Characteristic Drain Current @ TC=25oC Gate-to-Source Voltage Total Power Dissipation @ TC=25oC Derate above 25oC Operating Junction Temperature Storage Temperature Maximum Lead Temperature for Soldering Purposes, 1/8" from Case for 10 Seconds Continuous Pulsed Symbol ID IDM VGS PD TJ TSTG TL Rating 5.0 12 20 75 0.6 -55 to +150 -55 to +150 260 Unit A V W W/oC
o o o
C
C
C
IRF730
N-Channel Power MOSFET
Electrical Characteristics
Characteristic Drain-Source Breakdown Voltage Drain-Source Leakage Current Gate-Source Forward Leakage Current Gate-Source Reverse Leakage Current Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Internal Drain Inductance Internal Source Inductance Diode Forward Voltage Reverse Recovery Time Forward Turn-On Time Thermal Resistance
(TJ = 25oC unless otherwise specified)
Symbol V(BR)DSS IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd LD LS VSD trr ton Min 400 2.0 2.0 Typ 0.8 775 96 22 24 34 60 36 27 3.5 14 4.5 7.5 Max 0.25 1.0 100 -100 4.0 1.0 32 1.4 660 1.67 62.5 nH nH V ns Measured from the drain lead 0.25" from package to center of die Measured from the source lead 0.25" from package to source bond pad IS=5.0A, VGS=0V(Note) IF=5.0A, di/dt=100A/s(Note) nC VDS=320V, ID=5.0A, VGS=10V(Note) ns VDD=200V, ID=5.0A, VGS=10V, RG=12, RL=50(Note) pF VDS=25V, VGS=0V, f=1.0MHz nA V S Unit V mA Test Conditions VGS=0V, ID=250A VDS=400V, VGS=0V VDS=320V, VGS=0V, TJ=125oC VGSF=20V, VDS=0V VGSR=-20V, VDS=0V VDS=VGS, ID=250A VGS=10V, ID=2.5A(Note) VDS= 15V, ID=2.5A(Note)
Intrinsic turn-on time is neglegible and dominated by inductance LS+LD
o
Junction to Case Junction to Ambient 300s, Duty Cycle
RJC RJA 2%
C/W -
Note: Pulse Test: Pulse Width
DC COMPONENTS CO., LTD.
R


▲Up To Search▲   

 
Price & Availability of IRF730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X